PART |
Description |
Maker |
KTC812E |
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING) 外延平面NPN晶体管(通用,开关) General Purpose Transistor
|
KEC Holdings KEC[KEC(Korea Electronics)] Korea Electronics (KEC)
|
KTC801U KTC801 |
General Purpose Transistor EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
MSD1819A-T1_D ON2377 MSD1819A-RT1 MSD1819A-RT3 |
General Purpose Amplifier Transistor NPN From old datasheet system NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT
|
ON Semiconductor
|
MPS2222RLRPG MPS2222AG MPS2222ARLG MPS2222ARLRAG M |
General Purpose Transistors Small Signal General Purpose NPN; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistors
|
ON Semiconductor
|
BC847A BC846B BC848CLT1 BC850CLT1G BC846ALT1 BC846 |
Small Signal Transistor MINI Small Signal XST MINI General Purpose Transistor NPN Transistor SSP NPN GENERAL PURPOSE TRANSISTORS(NPN SILICON) High Speed CMOS Logic Dual Monostable Multivibrators with Reset 16-SOIC -55 to 125 高速CMOS逻辑可复位双重单稳态多谐振荡器 SOIC-16封装 工作温度55℃_125 High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-SOIC -55 to 125 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
CIL351 CIL352 |
0.300W General Purpose NPN Metal Can Transistor. 70V Vceo, 0.200A Ic, 200 - 480 hFE. 0.300W General Purpose NPN Metal Can Transistor. 70V Vceo, 0.200A Ic, 100 - 250 hFE. NPN SILICON PLANAR TRANSISTORS
|
Continental Device India Limited
|
PN2222 PN2222TF PN2222TFR |
NPN General Purpose Amplifier General Purpose Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
2PD1820A 2PD1820AQ 2PD1820AR 2PD1820AS 2PD1820ART/ |
500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN NPN general purpose transistor
|
NXP Semiconductors N.V.
|
BCF32 BCF32_3 |
NPN general purpose transistor 100 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMBT3946YPN |
40 V, 200 mA NPN/PNP general-purpose double transistor 40 V, 200 mA NPN-PNP general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|